PART |
Description |
Maker |
M80-5835005 |
DATAMATE J-TEK DIL MALE DIL SMALL BORE CRIMP
|
Harwin Plc
|
M80-8991701 M80-8991705 M80-8990201 M80-8990205 M8 |
DATAMATE 2mm PITCH CRIMP SIL SOCKET ASSEMBLY LARGE BORE (22 AWG)
|
Harwin Plc
|
M80-5601046 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with jackscrews, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-9431005 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, gold, with hoods jackscrews, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5621246 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with reverse fix slotted jackscrews, 6 6-way 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4704805 M80-4704042 M80-4703042 |
Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, no jackscrews, 24 24-way 48 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, no jackscrews, 20 20-way 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, no jackscrews, 15 15-way 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C11642F1-06-305-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 16 x Small bore signal contacts, 3 x 2mm Crimp Coax contacts 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-8430842 M80-8780605 M80-8681205 M80-8680405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Horizontal 4.5mm PC Tail Connector, latched, gold, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, latched, selective gold tin/lead, 7 7-way
|
Harwin Plc HARWIN INC
|
M80-4863405 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, Extended Wall, gold clip gold shell, with Hex Socket jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-8421742 M80-8421745 M80-8420745 M80-8422242 M8 |
DATAMATE 2mm PITCH HORIZONTAL PC TAIL SIL PLUG ASSEMBLY - LATCHED (RoHS)
|
Harwin Plc
|
M80-5305022 |
DATAMATE J-TEK MALE DIL HORIZONTAL PC TAIL WITH JACKSCREW
|
Harwin Plc
|
M80-4055001 M80-4055005 |
JACKSCREW DATAMATE DIL VERTICAL PC-TAIL FEMALE REVERSE FIX
|
Harwin Plc
|
|